Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC35B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC35B
Description  35mm Size Composite Operation Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC35B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC35B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC35B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder
Type
Potentiometer
Type
458
Hollow Shaft
Type Devices
Composite operation device that integrates both hollow-center encoder and self return switch.
Hollow Shaft Type Devices
35mm Size Composite Operation Type
EC35B Series
C
【
Switch 02】
E
F
D
B
A
9.9
12
12
【
Switch 01】
4.8
3-6.5
3-6
3-3
12.1
6-3.5
21.35
Shaft travel
2.8
A
36
25
B
2-1.5
2.8
F
C
12.5
E
D
5
5
6-¿1hole
Product Line
Vertical
30
15
Self-return
switch
Product No.
Switch
Operating
direction
Length of
operating section
(mm)
Number
of detent
Number
of pulse
300
21.35
Detent torque
(mN・m)
20
±10
EC35B154H401
Minimum order
unit
(pcs.)
Dimensions
Unit:mm
Style
PC board mounting
hole dimensions
Clockwise rotation
Normal case:(SW01)ENCODER output signal
B-C
Between terminals
A-C
Between terminals
15¿ pulse/30 detent
OFF
ON
OFF
ON
From 15°past the center tothe CCW end
From 15°past the center tothe CCW end
CCW direction:ON between F and D
CCW direction:ON between F and E
Self-return case:(SW02)circuit
E
F
D
Total rotation angle 48°
center
10mA 5V DC
30,000cycles
15,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications
Encoder
self-return
switch


Similar Part No. - EC35B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC35B ALPS-EC35B Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC35B154H401 ALPS-EC35B154H401 Datasheet
1Mb / 3P
35mm Size Composite Operation Type
logo
List of Unclassifed Man...
EC35B154H401 ETC-EC35B154H401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC35B ALPS-EC35B_15 Datasheet
1Mb / 3P
35mm Size Composite Operation Type
More results

Similar Description - EC35B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HS21PA-2A HIROSE-HS21PA-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35AH ALPS-EC35AH Datasheet
148Kb / 2P
35mm Size ABC Switch
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
logo
List of Unclassifed Man...
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35A ALPS-EC35A Datasheet
1Mb / 3P
35mm Size Ring Type
EC35AH ALPS-EC35AH_15 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
EC35B ALPS-EC35B_15 Datasheet
1Mb / 3P
35mm Size Composite Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com