Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGDFPA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDFPA
Description  Switching Output Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDFPA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HGDFPA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
Compact and high precision. More flexible mounting and easy connection by built
in connector.
Switching Output Type (Connector Connection Model)
HGDFPA Series
Magnetic Sensors
High precision magnetic sensor based on magnetic sensing
device technologies.
Small size contributes to improving set design flexibility and
easier layout design.
More flexible mounting and easy connection by built in connector.
Open collector output type.
●
●
●
●
Features
Detects Open and Close of lids and doors of any industrial
equipments and amusement equipments.
●
Applications
Horizontal
installation L
Magnet
Magnet
Vertical
installation L
Style
Dimensions
Unit:mm
14
1.6
2.4
C1.5
Supply voltage
Supply current
Output saturation voltage
Output leakage current
Reference detection distance
(L)(mm)
Magnet20G20G10mm/
Surface magnetic flux430mT
Connector
Typical Specifications
Items
Specifications
HGDFPA
Typ. 5V (4.5V min. to 5.5V max.)
Typ. 1.7mA
max. 0.4V (Output sink current =10mA)
max. 1BA
(sensor OUT "HI")
Vertical installation
:80 to 98
Horizontal installation
:60 to 78
501568-0307
( MOLEX JAPAN CO.,LTD. HOUSING 501330-0300)


Similar Part No. - HGDFPA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HGDFPN021A ALPS-HGDFPN021A Datasheet
91Kb / 2P
Switching Output Type
HGDFPN031A ALPS-HGDFPN031A Datasheet
91Kb / 2P
Switching Output Type
HGDFPT021A ALPS-HGDFPT021A Datasheet
91Kb / 2P
Switching Output Type
HGDFPT021B ALPS-HGDFPT021B Datasheet
747Kb / 18P
Magnetic Sensor
May/20/2019
HGDFPT031A ALPS-HGDFPT031A Datasheet
91Kb / 2P
Switching Output Type
More results

Similar Description - HGDFPA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5201L MITSUBISHI-M5201L Datasheet
583Kb / 9P
GENERAL PURPOSE SWITCHING OPERATIONAL AMPLIFIER(DUAL INPUT, SINGLE OUTPUT TYPE)?
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
3-Output Dropper/Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK73904 SANYO-STK73904 Datasheet
121Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (210W Output)
logo
ALPS ELECTRIC CO.,LTD.
HGDE ALPS-HGDE Datasheet
91Kb / 2P
Switching Output Type
logo
Sanyo Semicon Device
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
Separately-Excited Step-Down Switching Regulator (Variable Output Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com