Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGPJD Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HGPJD
Description  Incremental Encode Output Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGPJD Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HGPJD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
Incremental Encode Output Type
HGP
□D Series
Magnetic Sensors
Built-in 2-phase output in a small sized package. Contributes to making the
encoder system smaller and to increasing the design flexibility.
Has a built-in high sensitivity and high precision two phase output
Small size (1.8V type 2G1G0.55mm).
Low consumption current (1.8V type total 20BA for two
phases).
●
●
●
Features
Detection of rotation speed and rotation direction for rotation
mechanisms of small motors and actuators, etc., as well as
dial input of all kinds of portable devices such as mobile
phones and digital cameras.
●
Applications
MAP type
SOT23 type
Style
Dimensions
Unit:mm
Package Specifications/Size
Function
Model No.
Operating
magnetic field
Product list
MAP type
2
×1×0.55mm
SOT23 type
2.9×2.8×1.1mm
Operating voltage
Typ. 1.8V
Typ. 5V
2-phase alternating output
Sampling period
:1.3msec
2-phase alternating output
Sampling period:320Bsec
2-phase alternating output
Sampling period:35Bsec
HGPJDM001A
HGPHDM001A
HGPFDT001A
Hon:+1mT
Hoff:-1mT
Operating voltage
Sampling period
Current consumption
Typical Specifications
Items
Specifications
HGPJDM
Typ. 1.8V (1.6V min. to 3.6V max.)
1.3m sec
20BA Ave. (at VDD= 1.8V)
HGPHDM
320B sec
70BA Ave. (at VDD= 1.8V)
HGPFDT
Typ. 5V (4.5V min. to 5.5V max.)
35B sec
4mA Ave. (at VDD= 5V)
2-phase element interval
Typ. 0.65mm
2
2.9
0.95
0.95
1.9
SOT23 type
MAP type


Similar Part No. - HGPJD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HGPJP ALPS-HGPJP Datasheet
80Kb / 1P
Latch Output Type
HGPJPM001A ALPS-HGPJPM001A Datasheet
80Kb / 1P
Latch Output Type
More results

Similar Description - HGPJD

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
absolute or incremental encoder output
logo
KODENSHI_AUK CORP.
KE-2-10 KODENSHI-KE-2-10 Datasheet
188Kb / 3P
Incremental output method
KE-2-13 KODENSHI-KE-2-13 Datasheet
187Kb / 3P
Incremental output method
KE-2-14-60 KODENSHI-KE-2-14-60 Datasheet
172Kb / 3P
Incremental output method
KE-2-18 KODENSHI-KE-2-18 Datasheet
188Kb / 3P
Incremental output method
KE-2-19 KODENSHI-KE-2-19 Datasheet
183Kb / 3P
Incremental output method
KE2-23 KODENSHI-KE2-23 Datasheet
189Kb / 3P
Incremental output method
KE401-M120-R1 KODENSHI-KE401-M120-R1 Datasheet
226Kb / 3P
Incremental output method
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
Single channel incremental output
logo
List of Unclassifed Man...
E33 ETC-E33 Datasheet
4Mb / 6P
INCREMENTAL ENCODER TYPE E33
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com