Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCD Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HSCD
Description  Geomagnetic Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCD Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HSCD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
Output resolution
Measurement range
Average operationg current
AVDD
:Drive voltage
(Operating voltage)
DVDD_io
:Drive voltage
(Operating voltage)
Interface
Geomagnetic Sensor
HSCD
□ Series
This high sensitivity sensor is most suitable for being embeded in small devices
and mobile devices.
Hight sensitive magnetic sensor enables high resolution.
High-resistance sensor enables lowpower consumption.
●
●
Features
Mobile phones, personal navigation devices, cameras,
wristwatches
●
Applications
Typical Specifications
Items
2.5
2.5
0.7mm
Size
Specifications
0.5BT/LSB
±0.6mT
200BA max.
+2.4 to +3.6V
+1.7 to +2.3V
I2C
Style
Dimensions
Unit:mm
2.5
0.7
Magnetic Sensors


Similar Part No. - HSCD

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PG2A3 HONEYWELL-HSCDAND001PG2A3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - HSCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCDTD008A ALPS-HSCDTD008A Datasheet
762Kb / 32P
Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com