Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2723 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2723
Description  High Speed Current Feedback Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2723 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2723 Datasheet HTML 3Page - New Japan Radio NJM2723 Datasheet HTML 4Page - New Japan Radio NJM2723 Datasheet HTML 5Page - New Japan Radio NJM2723 Datasheet HTML 6Page - New Japan Radio NJM2723 Datasheet HTML 7Page - New Japan Radio NJM2723 Datasheet HTML 8Page - New Japan Radio NJM2723 Datasheet HTML 9Page - New Japan Radio NJM2723 Datasheet HTML 10Page - New Japan Radio NJM2723 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2723
- 7 -
Ver.2009-10-28
■ TYPICAL CHARACTERISTICS
Gain vs. Frequency
V
+/V-=±15V, R
F=680Ω, RL=1kΩ, CL=0pF, Ta=25ºC
-40
-30
-20
-10
0
10
20
30
40
0M
1M
10M
100M
1000M
Frequency[Hz]
6dB
100k
1G
Gain vs. Frequency
V
+/V-=±5V, R
F=680Ω, RL=150Ω, CL=0pF, Ta=25ºC
-40
-30
-20
-10
0
10
20
30
40
0M
1M
10M
100M
1000M
Frequency[Hz]
6dB
100k
1G
Gain vs. Frequency (Load Capacitance)
V
+/V-=±15V, Gv=+2, R
F=680Ω, RL=1kΩ, Ta=25ºC
-20
-15
-10
-5
0
5
10
15
20
0M
1M
10M
100M
1000M
Frequency[Hz]
CL=300pF
CL=100pF
CL=10pF
100k
1G
Gain vs. Frequency (Load Capacitance)
V
+/V-=±5V, Gv=+2, R
F=680Ω, RL=150Ω, Ta=25ºC
-20
-15
-10
-5
0
5
10
15
20
0M
1M
10M
100M
1000M
Frequency[Hz]
CL=300pF
CL=100pF
CL=10pF
100k
1G
-3dB Bandwidth vs Feedback Resistor RF
Gv=+2, Ta=25ºC
0
20
40
60
80
100
120
400
800
1200
1600
2000
Feedback Resistor RF [Ω]
V
+/V-=±15V
RL=1kΩ
V
+/V-=±5V
RL=150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com