Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2739 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2739
Description  Dual Precision Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2739 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2739 Datasheet HTML 3Page - New Japan Radio NJM2739 Datasheet HTML 4Page - New Japan Radio NJM2739 Datasheet HTML 5Page - New Japan Radio NJM2739 Datasheet HTML 6Page - New Japan Radio NJM2739 Datasheet HTML 7Page - New Japan Radio NJM2739 Datasheet HTML 8Page - New Japan Radio NJM2739 Datasheet HTML 9Page - New Japan Radio NJM2739 Datasheet HTML 10Page - New Japan Radio NJM2739 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NJM2739
- 7 -
E1
■ TYPICAL CHARACTERISTICS
-20
-10
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
Input Offset Voltag e vs. Com m on M ode Input Voltag e
(Tem perature)
V
+ /V-=±15V
Comm on M ode Input Voltag e [V]
Ta=-40℃
Ta=25℃
Ta=85℃
0
10
20
30
40
50
0
4
8
12
162024
Input Offset Voltag e vs. Supply Voltag e
(Tem perature)
Vcm =0V
Supply Voltag e [±V]
Ta=-40℃
Ta=25℃
Ta=85℃
-1
0
1
2
3
4
0
50
100
150
200
W arm Up Input Offset Voltag e Drift
V
+ /V-=±15V, Gv=100dB, Ta=25℃
Tim e From Power Supply Turn On [sec]
-20
-10
0
10
20
30
40
50
60
-20
-15
-10
-5
0
5
10
15
20
Input Offset Voltag e vs. Com m on M ode Input Voltag e
(Supply Voltage)
Ta=25℃
Common Mode Input Voltage [V]
V+/V-=±18V
V+/V-=±15V
V+/V-=±5V
V+/V-=±3V
-8
-6
-4
-2
0
2
4
6
8
-15
-10
-5
0
5
10
15
Variation in Input Offset Voltage
vs. Common Mode Input Voltage
Common Mode Input Voltage [V]
-20
-10
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
Input Offset Voltag e
vs. Com m on M ode Input Voltage
(Supply Volta ge)
Ta=25℃
Comm on Mode Input Voltag e [V]
Sam ple2 (±15V)
Sam ple1 (±15V)
Sam ple3 (±15V)
Sa mple3 (±5V)
Sa m ple2 (±5V)
Sa mple1 (±5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com