Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9536D
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9536D Datasheet HTML 9Page - NXP Semiconductors PCA9536D Datasheet HTML 10Page - NXP Semiconductors PCA9536D Datasheet HTML 11Page - NXP Semiconductors PCA9536D Datasheet HTML 12Page - NXP Semiconductors PCA9536D Datasheet HTML 13Page - NXP Semiconductors PCA9536D Datasheet HTML 14Page - NXP Semiconductors PCA9536D Datasheet HTML 15Page - NXP Semiconductors PCA9536D Datasheet HTML 16Page - NXP Semiconductors PCA9536D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
13 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
11. Test information
Rise and fall times refer to VIL and VIH
Fig 13. I2C-bus timing diagram
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
002aab175
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 0
(R/W)
acknowledge
(A)
STOP
condition
(P)
1/fSCL
tr
tVD;DAT
RL = load resistor.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generators.
Fig 14. Test circuitry for switching times
Fig 15. Test circuit
Table 11.
Test data
Test
Load
Switch
CL
RL
tv(Q)
50 pF
500
Ω
2VDD
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aab880
RT
VI
VDD
DUT
VDD
open
VSS
CL
50 pF
500
Ω
002aab881
2VDD
open
VSS
S1
from output
under test
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com