Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8883T
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8883T Datasheet HTML 1Page - NXP Semiconductors PCF8883T Datasheet HTML 2Page - NXP Semiconductors PCF8883T Datasheet HTML 3Page - NXP Semiconductors PCF8883T Datasheet HTML 4Page - NXP Semiconductors PCF8883T Datasheet HTML 5Page - NXP Semiconductors PCF8883T Datasheet HTML 6Page - NXP Semiconductors PCF8883T Datasheet HTML 7Page - NXP Semiconductors PCF8883T Datasheet HTML 8Page - NXP Semiconductors PCF8883T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PCF8883_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
2 of 24
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
3.
Applications
I Proximity detection
I Proximity sensing in
N Mobile phones
N Portable entertainment units
I Switch for medical applications
I Switch for use in explosive environments
I Vandal proof switches
I Transportation: Switches in or under upholstery, leather, handles, mats, and glass
I Buildings: switch in or under carpets, glass, or tiles
I Sanitary applications: use of standard metal sanitary parts (e.g. tap) as switch
I Hermetically sealed keys on a keyboard
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8883T
SOIC8
plastic small outline package; 8 leads; body width 3.9 mm
PCF8883
Table 2.
Marking codes
Type number
Marking code
PCF8883T
PCF8883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com