Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TL Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 17Page - NXP Semiconductors SE97TL Datasheet HTML 18Page - NXP Semiconductors SE97TL Datasheet HTML 19Page - NXP Semiconductors SE97TL Datasheet HTML 20Page - NXP Semiconductors SE97TL Datasheet HTML 21Page - NXP Semiconductors SE97TL Datasheet HTML 22Page - NXP Semiconductors SE97TL Datasheet HTML 23Page - NXP Semiconductors SE97TL Datasheet HTML 24Page - NXP Semiconductors SE97TL Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
21 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.10.2.3
Read Permanent Write Protection (RPWP), Read Reversible Write Protection
(RRWP), and Read Clear Reversible Write Protection (RCRWP)
Read PWP, RWP, and CRWP allow the SE97 to be read in write protection mode. The
instruction format is the same as that of the write protection except that the 8th bit, R/W, is
set to 1. Figure 18 shows the instruction format, while Table 7 shows the responses when
the instructions are issued.
7.10.3 Read operations
7.10.3.1
Current address read
In Standby mode, the SE97 internal address counter points to the data byte immediately
following the last byte accessed by a previous operation. If the ‘previous’ byte was the last
byte in memory, then the address counter will point to the first memory byte, and so on. If
the SE97 decodes a slave address with a ‘1’ in the R/W bit position (Figure 19), it will
issue an Acknowledge in the ninth clock cycle and will then transmit the data byte being
pointed at by the address counter. The master can then stop further transmission by
issuing a No Acknowledge on the ninth bit then followed by a STOP condition.
7.10.3.2
Selective read
The read operation can also be started at an address different from the one stored in the
address counter. The address counter can be ‘initialized’ by performing a ‘dummy’ write
operation (Figure 20). The START condition is followed by the slave address (with the
R/W bit set to ‘0’) and the desired byte address. Instead of following-up with data, the
master then issues a second START, followed by the ‘Current Address Read’ sequence,
as described in Section 7.10.3.1.
Table 7.
Acknowledge when reading the write protection
Instructions with R/W bit = 1.
Status
Instruction
ACK
Address
ACK
Data byte
ACK
Permanently
protected
RPWP, RRWP or
RCRWP
NACK
not significant
NACK
not significant
NACK
Protected with
RWP
RRWP
NACK
not significant
NACK
not significant
NACK
RCRWP
ACK
not significant
NACK
not significant
NACK
RPWP
ACK
not significant
NACK
not significant
NACK
Not protected
RPWP, RRWP or
RCRWP
ACK
not significant
NACK
not significant
NACK
Fig 19. Current address read timing
0
1
0
A2 A1 A0
1
A
S
1
slave address (memory)
START condition
R/W acknowledge
from slave
data from memory
SDA
002aab251
P
STOP condition
no acknowledge
from master
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com