Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TP Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 47Page - NXP Semiconductors SE97TP Datasheet HTML 48Page - NXP Semiconductors SE97TP Datasheet HTML 49Page - NXP Semiconductors SE97TP Datasheet HTML 50Page - NXP Semiconductors SE97TP Datasheet HTML 51Page - NXP Semiconductors SE97TP Datasheet HTML 52Page - NXP Semiconductors SE97TP Datasheet HTML 53Page - NXP Semiconductors SE97TP Datasheet HTML 54Page - NXP Semiconductors SE97TP Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
© NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 29 January 2010
Document identifier: SE97_7
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1
General features . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2
Temperature sensor features . . . . . . . . . . . . . . 2
2.3
Serial EEPROM features . . . . . . . . . . . . . . . . . 2
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 5
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6
7
Functional description . . . . . . . . . . . . . . . . . . . 7
7.1
Serial bus interface . . . . . . . . . . . . . . . . . . . . . . 7
7.2
Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7.3
EVENT output condition . . . . . . . . . . . . . . . . . . 8
7.3.1
EVENT pin output voltage levels and
resistor sizing . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.2
EVENT thresholds . . . . . . . . . . . . . . . . . . . . . 10
7.3.2.1
Alarm window . . . . . . . . . . . . . . . . . . . . . . . . . 10
7.3.2.2
Critical trip. . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7.3.3
EVENT operation modes . . . . . . . . . . . . . . . . 11
7.3.3.1
Comparator mode. . . . . . . . . . . . . . . . . . . . . . 11
7.3.3.2
Interrupt mode . . . . . . . . . . . . . . . . . . . . . . . . 11
7.4
Conversion rate . . . . . . . . . . . . . . . . . . . . . . . 12
7.4.1
What temperature is read when
conversion is in progress . . . . . . . . . . . . . . . . 12
7.5
Power-up default condition . . . . . . . . . . . . . . . 12
7.6
Device initialization . . . . . . . . . . . . . . . . . . . . . 12
7.7
SMBus time-out . . . . . . . . . . . . . . . . . . . . . . . 13
7.8
SMBus ALERT Response Address
(ARA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.9
SMBus/I2C-bus interface . . . . . . . . . . . . . . . . 14
7.10
EEPROM operation . . . . . . . . . . . . . . . . . . . . 17
7.10.1
Write operations . . . . . . . . . . . . . . . . . . . . . . . 17
7.10.1.1
Byte Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7.10.1.2
Page Write . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
7.10.1.3
Acknowledge polling . . . . . . . . . . . . . . . . . . . . 18
7.10.2
Memory protection . . . . . . . . . . . . . . . . . . . . . 18
7.10.2.1
Permanent Write Protection (PWP) . . . . . . . . 20
7.10.2.2
Reversible Write Protection (RWP) and
Clear Reversible Write Protection (CRWP) . . 20
7.10.2.3
Read Permanent Write Protection (RPWP),
Read Reversible Write Protection (RRWP),
and Read Clear Reversible Write Protection
(RCRWP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
7.10.3
Read operations . . . . . . . . . . . . . . . . . . . . . . . 21
7.10.3.1
Current address read . . . . . . . . . . . . . . . . . . . 21
7.10.3.2
Selective read . . . . . . . . . . . . . . . . . . . . . . . . 21
7.10.3.3
Sequential read . . . . . . . . . . . . . . . . . . . . . . . 22
7.11
Hot plugging. . . . . . . . . . . . . . . . . . . . . . . . . . 23
8
Register descriptions . . . . . . . . . . . . . . . . . . . 23
8.1
Register overview . . . . . . . . . . . . . . . . . . . . . 23
8.2
Capability register
(00h, 16-bit read-only) . . . . . . . . . . . . . . . . . . 24
8.3
Configuration register
(01h, 16-bit read/write) . . . . . . . . . . . . . . . . . . 25
8.4
Temperature format . . . . . . . . . . . . . . . . . . . . 29
8.5
Temperature Trip Point registers . . . . . . . . . . 30
8.5.1
Upper Boundary Alarm Trip register
(16-bit read/write) . . . . . . . . . . . . . . . . . . . . . . 30
8.5.2
Lower Boundary Alarm Trip register
(16-bit read/write) . . . . . . . . . . . . . . . . . . . . . . 31
8.5.3
Critical Alarm Trip register
(16-bit read/write) . . . . . . . . . . . . . . . . . . . . . . 31
8.6
Temperature register
(16-bit read-only) . . . . . . . . . . . . . . . . . . . . . . 32
8.7
Manufacturer’s ID register
(16-bit read-only) . . . . . . . . . . . . . . . . . . . . . . 33
8.8
Device ID register . . . . . . . . . . . . . . . . . . . . . 33
8.9
SMBus register . . . . . . . . . . . . . . . . . . . . . . . 34
9
Application design-in information . . . . . . . . . 35
9.1
SE97 in memory module application . . . . . . . 36
9.2
Layout consideration . . . . . . . . . . . . . . . . . . . 36
9.3
Thermal considerations . . . . . . . . . . . . . . . . . 36
10
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 37
11
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 38
12
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 45
13
Soldering of SMD packages . . . . . . . . . . . . . . 50
13.1
Introduction to soldering. . . . . . . . . . . . . . . . . 50
13.2
Wave and reflow soldering. . . . . . . . . . . . . . . 50
13.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . 50
13.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . 51
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 52
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . 53
16
Legal information . . . . . . . . . . . . . . . . . . . . . . 54
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 54
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
16.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 54
16.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 54
17
Contact information . . . . . . . . . . . . . . . . . . . . 54
18
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com