Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAK Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCAK
Description  Connector for Connection with PC Cards Supporting CardBus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCAK Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCAK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCAK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCAK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
53
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for Connection with PC Cards Supporting CardBus
SCAK/SCAJ Series
Link arm travel area
Card center
Pin header
P.C bord mounting side
33max.
29.6max.
53.95
¿2.4
#
68
#
35
#
1
#
34
5
33.9
32.5
61.46
54.56
Knob eject
position
Knob lock
position
Knob over
tra
3.4 min.
2.1
53.95
46.6
(
0.635x67)=42.545
4-GND pad
4.5
34.1 min.
4.2 min. 51.5
2.25 min.
34.9 min.
28.6 min.
3.4
6.8
52.3
61.46
52.3
52.6
23.3
#35
#34
#68
#1
2.25 min.
2.4
5.9
2-2.6
30.2 min.
Recommend P.C board layout
(Mounting face side)
No part mounting
No pattern area
0.635
Pitch
0.35
Pad width
Land area
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
Dimensions
Unit:mm
1
2
Pin header
Link arm travel area
P.C board
mounting side
Card center
29.6 max.
53.95
33 max.
32.5
¿2.4
#68
#34
#1
#35
33.9
5
61.46
54.56
Knob eject
position
Knob lock
position
Knob over
tra
Standard type
With cover
Reverse type
With cover
2.25 min.
52.3
61.46
52.3
4.2 min.
34.9 min.
28.6 min.
4-GND pad
3.4 min.
34.1 min.
30.2 min.
0.35
2.25 min.
6.8
3.4
51.5
2-2.6
5.9
2.4
0.635
2-¿2.45
#34
#1
#35
52.6
#68
(0.635x67)
= 42.545
46.6
53.95
23.3
4.5
2.1
Recommend P.C board layout
(Mounting face side)
No part mounting
No pattern area
Pitch
Pad width
Land area



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com