Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDA Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SCDA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
15
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Unit:mm
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Reverse mount
No.
Style
Connector
Center
Card
Center
27.8
0.725
2.9
(0.2)
13.725
14.425
13-0.7
5.475
3.775
2.075
0.375
8.125
6.425
4.725
3.025
1.325
25
13.225
11.525
9.825
8.875
7.175
No.5
No.6
No.7
No.8
No.4
No.3
No.2
No.1
No.9
No.!4
GND
No.!3 GND
No.!2
Write protect
detect switch
No.!0 Card
detect switch
No.!1 Common
2-ø
0.8
Stand–off 0mm
Slim type
9
28.4
1.35
ø0.95 13-
11.775
0.375
2.075
3.775
5.475
7.175
8.875
8.125
9.825
11.525
13.225
1.35
ø0.85
1.325
3.025
4.725
13.925
14.625
No.!0
Card detect switch
1
6.425
No.9
No pattern area
Land area
2-ø0.92
2-2
4-1.6
1.47 min.
1.93 max.
3.43 min.
3.63 min.
4.07 max.
5.57 min.
6.57 max.
8.08 min.
4.43 max.
5.93 min.
6.85 max.
8.35 min.
8.55 max.
11.4
10.6
23.1
11.25
9.08 max.
10.58 min.
12-1
1.25
2.85
4.45
0.35
1.95
3.55
6.05
5.15
7.65
6.75
9.25
8.35
7.9
6.2
26.8 min
10.05 min.
Connector center
No part area
Land
No pattern area
No.!2
No.o
*12.75 max.
*11.85 max.
2-1.4
12-0.4
2-1
6.2
7.9
26.2
0.45
8.35
9.25
0.35
1.95
3.55
5.15
1.25
2.85
4.45
6.05
7.65
6.75
11.4
10.6
Recommended card guide layout
* Card guide dimension
*2.95
*0.35
2-¿0.8
23.1
11.25
24.1
Card
center
No.!2
Write protect
detect switch
Connector
center
Connector center
No.!0
Card detectswitch
No.!4 GND
No.r
No.t
No.y
No.e
No.!3 GND
No.w
No.q
No.o
No.u
No.i
No.!1 Common
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Header type
Style
No.
10
Connector for SD Memory Card
SCDA Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com