Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDA3A0102 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA3A0102
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA3A0102 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SCDA3A0102 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA3A0102 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
13.415
15.065
12.17
10.57
8.87
6.445
3.945
1.445
0.8
13.415
15.065
1.055
3.555
6.055
8.555
10.5
9-0.9
13.415
15.065
12.225
10.5
13.715
13.415
15.065
12.92
14.05
11.17
13.85
12.02
12.1
11.3
Land area
No part area
Connector center
0.8
27.5
0.7
2.85
Connector
center
Card center
Center line
of card
(
0.05)
Stand off
No.r
No.e
No.w
No.q
No.o
No.t
No.y
No.u
No.i
No.!0 Card
detect switch
No.!1
Common(Vss)
No.!2
Write protect
detect switch
0.7
27.5
11.3
12.1
Card
center
Center line
of card
Connector
center
Connector center
No.!2
Write project
detect switch
Change
shape
No.!0 Card
detect switch
No.!1
Common
(Vss)
4-0.7
4.35
1.5
0.6
ø0.7
No.t
No.y
No.u
No.i
No.o
No.q
No.w
No.e
No.r
ø0.7
%0.1
9.53
9.93
4.32
4.32
1.2
9-0.9
12.72
12.72
8.26
10.87
6.76
2-1.13
1.9
2.41
2.5
0.8 %0.03
1.7
2.425
13.67
11.97
1.245
14.07
7.5
2.5
1.255
5
23.94
2-¿
1.4
Land area
No part area
5
Stand–off 0mm
Card eject stroke 8mm
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
13
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for SD Memory Card
SCDA Series
6
Stand–off 1.5mm
Card eject stroke 8mm
Unit:mm
Standard mount
Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com