Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDB Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDB
Description  Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDB Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCDB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC board mounting hole dimensions
(Viewed from the mounting face side)
39
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Card eject travel
4.5
0.65
31
32.2
Card center
Connector center
21.5
22.5
24.1
27
No.!9
No.!0
No.@2
No.9
No.8
No.@1
No.@0
Unit:mm
Standard mount
Dimensions
No.
1
Style
No.@2:Common
6.95
ø1.55
Positioning
boss hole
Land area
No pattern area
No part mounting
32.3
14.15
16.6
10-1
13.5
(1.5×9)
5.525
27
10.65
11
33.2
29.6
9-1
16
(2×8)
No.@1:
Card detect switch
No.i
No.u
No.y
No.t
No.o
No.q
No.w
No.e
No.r
No.!9
No.!8
No.!7
No.!6
No.!5
No.!0
No.!1
No.!2
No.!3
No.!4
detect switch
No.@0:Write protect
No.@3:Ground
2
5.525
27
32.3
13.5(1.5
G9)
16.6
14.15
10-1
33.9
30.8
(hole)
(hole)
Land area
No part mounting
ø1.55
No.!6
No.!5
Ground
No.9
No.1
No.2
No.3
No.4
No.!8
No.!9
No.!7
No.!4
No.!3
No.!2
No.!1
No.!0
No.8
No.7
No.6
No.5
No.@0
2
Reverse mount
31
No.@0
No.!9
22.5
21.5
24.1
27
12.6
12.3
Ground
No.4
No.!0
No.@1
No.@2
No.5
Card center
Connector center
PC board surface
4.5
0.55
Combine Type Connector(for SD Memory Card, MultiMediaCard™, Memory Stick™) SCDB Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com