Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDB2A0200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDB2A0200
Description  Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDB2A0200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCDB2A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDB2A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDB2A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
38
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Structure
Performance
Applicable to three memory card standards - SD Memory
Card, Multi Media Card
TM and Memory StickTM.
Push-push ejection mechanism applied in both card types.
Contact point protection to minimize card damage during
insertion and ejection.
Same insertion and ejection position applied for both cards.
●
●
●
●
Features
For desktop PCs, notebook PCs and personal digital
assistants
For home audio equipment (TVs and set top boxes)
For audio systems
For digital camcorders
For digital still cameras
For headphone players
●
●
●
●
●
●
Applications
SD Memory Card, MultiMediaCard™, Memory Stick
TM
Standard mount/Reverse mount
Surface mounting type
Push-push type
500V AC 1minute
Applicable media
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
1,000M
Ω min.
100m
Ω max.
500m
Ω max.
10,000cycles
(SD Memory Card)
12,000cycles
(Memory Stick
TM)
−25℃ to +60℃
Operating temperature
range
Contact
resistance
(Initial)
Connector
contacts
Detection
switch
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Standard mount
Media ejection
structure
Push-push type
Mounting system
Stand-
off
(mm)
0
Feature
With boss
Product No.
SCDB1C0105
Reverse mount
SCDB2A0200
Product Line
Push-push type featuring contact protection function with less impact to media cards.
Packing
system
Drawing
No.
Tray
1
2
Combine Type Connector (for SD Memory Card, MultiMediaCard™, Memory Stick™)
SCDB Series


Similar Part No. - SCDB2A0200

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
More results

Similar Description - SCDB2A0200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC6374AF TOSHIBA-TC6374AF Datasheet
1Mb / 125P
PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
Memory Stick??Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
SCDE ALPS-SCDE Datasheet
167Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
SCNA ALPS-SCNA Datasheet
254Kb / 3P
Connector for Memory Stick Micro?
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
Memory Stick Duo / Memory Stick (2-in-1)
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com