Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDG Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDG
Description  Combine Type Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDG Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCDG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
42
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
42
New generation 5-in-1 for MultiMediaCard Plus™
Applicable to four memory card standards - SD Memory
Card, MultiMediaCard™, MultiMediaCard Plus™, Memory
Stick™ and xD-Picture Card™.
Push-push ejection mechanism applied in both card types.
●
●
Features
For desktop PCs, notebook PCs, various personal digital
assistants, digital still cameras, digital camcorders, digital
photo frames, facsimile machines and printers.
For home audio equipment (TVs and set top boxes)
For audio systems
For headphone players
●
●
●
●
Applications
Typical Specifications
Product Line
Memory Stick™
Standard mount / Reverse mount
Surface mounting type
Push-push type
250V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−10℃ to +60℃
1,000M
Ω min.
150m
Ω max.
500m
Ω max.
5,000cycles
SD Memory Card
MultiMediaCard
TM
MultiMediaCard Plus
TM
xD-Picture Card™
Operating temperature
range
Performance
Contact
resistance
(Initial)
Connector
contacts
Detection
switch
Insertion and
removal cycle
Voltage proof
Insulation
resistance
(Initial)
Standard mount
Reverse mount
Media ejection structure
Push-push type
Mounting system
Stand-off
(mm)
0
Product No.
SCDG1A0101
SCDG2A0101
Drawing
No.
1
2
Packing system
Taping
NEW
Combine Type Connector (for SD Memory Card, MultiMediaCard™,
MultiMediaCard Plus™, Memory Stick™, xD-Picture Card™)
SCDG Series


Similar Part No. - SCDG

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
More results

Similar Description - SCDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG214L ETC-LG214L Datasheet
167Kb / 2P
Photointerrupter Combine high output GaAs IRED with Photo IC
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
SCHG ALPS-SCHG Datasheet
374Kb / 3P
Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Omron Electronics LLC
G6Y-1-DC5 OMRON-G6Y-1-DC5 Datasheet
353Kb / 6P
Switching Structure Based on the Micro Strip Line is Used to Combine High Performance and Cost effectiveness
logo
Hammond Manufacturing L...
RCHR HAMMOND-RCHR Datasheet
84Kb / 1P
Rail de montage combine a trous ronds poinconnes
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
List of Unclassifed Man...
FBZX5XXXX ETC-FBZX5XXXX Datasheet
33Kb / 1P
Combine JIG Board
logo
KODENSHI_AUK CORP.
LG2A02ND2 KODENSHI-LG2A02ND2 Datasheet
1Mb / 2P
Connector type
logo
TOKYO SEIMITSU CO., LTD
APPLICATION ACCRETECH-APPLICATION Datasheet
216Kb / 1P
Expand functions Combine options Proposal of user customization for improved efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com