Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDA3C0102 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA3C0102
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA3C0102 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCDA3C0102 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA3C0102 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6.075
4.375
2.675
0.975
11.275
9.475
8.425
7.775
10.125
6.725
5.025
3.325
0.725
13-1
12.475
12.5
10.775 min. 8.35 max.
7.15 min.
9.65 min.
27.2 min.
27.8 min.
21
No Part Area
Land
No Pattern Area
φ
0.85
No.!1 Common
No.!0 Card
detect switch
6.725
5.025
3.325
0.725
13-0.6
No.4
No.3
No.2
No.1
No.9
10.125
8.425
11.275
9.475
7.775
6.075
4.375
2.675
0.975
No.5
No.6
No.7
No.8
No.!3 GND
Write protect
Detect switch
No.!2
(0.6)
No.!4 GND
2.85
0.5
Datum plane
bottom of mold
0
0.375
27
Connector
center
Card
center
Detail of A
A
Card
center
Connector
center
Hook
height 0.15
Hook
height 0.15
27
0.375
(0.6)
No.!4
Ground
Datum plane
bottom of mold
0
2.85
No.t
No.y
No.u
No.i
No.!1 Common
No.r
No.e
No.w
No.q
No.o
11.275
9.475
7.775
6.075
4.375
2.675
0.975
10.125
8.425
6.725
5.025
3.325
0.725
No.!0 Card
detect switch
No.!2
Write protect
detect switch
No.!3 GND
13-0.6
A
Detail of A
27.8 min.
27.2 min.
12.475
12.5
7.15 min.
8.35 max.
9.65 min.
10.775 min.
13-1
10.125
8.425
6.725
5.025
3.325
0.725
11.275
9.475
7.775
6.075
4.375
2.675
0.975
No part mouting
Land area
No pattern area
12
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for SD Memory Card
SCDA Series
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Standard mount
No.
3
Style
With boss
Slim type
Dimensions
4
Without boss
Slim type
No part mounting
Land area
No pattern area



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com