Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCGC Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCGC
Description  Connector for SIM Card 8pins
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCGC Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCGC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCGC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCGC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
28
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
3.65
8.5
9.045
10.35
9.2
9.045
10.35
3.455
6.045
9.2
1.3
1.3
:Land area
:No parts area
:No pattern area
(1.23)
3.65
8.5
19.94
18.44
2-0.7
Card center
Connector center
C4
C3
C2
C1
C8
C7
C6
C5
C4
C1
C2
C6
C5
C3
C7
C8
Common
Card detect switch
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Style
Connector for SIM Card 8pins
SCGC Series
Unit:mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com