Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCHA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHA
Description  Connector for microSD??Card (Push-push Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCHA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCHA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCHA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
17
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
With switch
14
1.3
1.9
P=1.1
7.7
Card center
Card center
Connector center
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Standard mount
Dimensions
No.
1
Style
Without switch
2
1.24
7.7
P=1.1
9.4
6.85
1.15
6.1
2.9
0.7
0.8
1.4
12.9
0.3
1.45
5.7
1.8
1.8
14
Card center
No parts area
Land area
No pattern area
Common
(switch)
Card detect switch
Card center
Connector center
14
1.3
1.9
0.3
14
13.85
12.55
1.20
0.15
9.4
0.7
1.3
2.9
6.1
0.8
0.3
1.3
1.24
7.7
(5.7)
7
P=1.1
13
1.3
Card center
Connector center
Land area
No pattern area
No parts area
Connector for microSD™ Card (Push-push Type) SCHA Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com