Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCHF Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHF
Description  miniSDTM Card Adapter (for microSD??Card)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHF Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCHF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
26
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
DAT2
CD/
CMD
CLK
9123 1011 45678
※
0.7
1
18.5
11.12
0.6
8.85
20
0.9
1.4
VDD VSS2 DAT1
DAT0
VSS1
DAT3
Style
Unit:mm
Dimensions
Cautions for using this product
1. To prevent contact failures caused by sulfuration or oxidation on the contact and terminal or deterioration of
solderability caused by film forming, please follow the instructions given below.
(1)Do not store the product in locations with high temperature or high humidity. Keep it in an atmosphere free from
corrosive gases including sulphurous or chlorinate gas. Do not stack.
(2)Store the adapter unopened at room temperature and low humidity.Use the product preferably within 3 months after
delivery or within 6 months at the latest.
(3)To store the product after opening the package, keep it in a sealed polyethylene bag. Store in a dark, cool place,
out of direct sunlight. Use the product as soon as possible.
Surface indications can be customized. Please contact us for details. Samples will be delivered with Alps' standard indication.
Note
※ Inside miniSD™ Adapter: Vss1 must be connected Vss2
Logo text is used for reference.
Product Surface Logo
miniSD™ Card Adapter (for microSD™ Card)
SCHF Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com