Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDKZ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ
Description  Rotary Type Power Switch with Encorder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
233
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Dimensions
Unit:mm
2
1
8
24
3
4
7
56
30.2
29.6
2A
1A
18.1
5.3
4
12
12
8
6.7
¿7
55
24
15
1.1
No.
Style
PC board mounting hole dimensions
PC board mounting hole dimensions
1
2
29.6
18.1
4
5.3
30.2
2A
1A
2
8
1
24
6
5
4
3
12
12
8
6.7
55
15
24
1.1
¿7
Rotary Type Power Switch with Encorder
SDKZ Series
Power Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com