Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFD470 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CFD470
Description  Fiber Optic PIN Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CFD470 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CFD470 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CFD470
Fiber Optic PIN Photodiode
Clairex
Technologies, Inc.
April, 2004
features
• High speed, low capacitance
• Optimized for fiber-optic
applications
• TO-18 header with plastic lens
description
The CFD470 contains a PIN silicon
photodiode mounted on a TO-18
header. The devices are designed
to self-align in the 0.228” (5.79mm)
bore of a standard fiber-optic
receptacle. Three crush ribs on the
outside of the case provide press-fit
installation and precise alignment.
The CFD470 is designed to interface
with multimode optical fibers from
50/125 to 200/300 microns.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -55°C to +115°C
operating temperature.................................................................... -40°C to +100°C
lead soldering temperature
(1) ......................................................................... 260°C
reverse voltage ...........................................................................................100VDC
continuous power dissipation................................................................... 200mW
(2)
notes:
1.
1/16" (1.6mm) from case for 5 seconds maximum.
2.
Derate linearly 2.13mW/°C from 25°C free air temperature to TA = +100°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C, unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
R
Flux responsivity(3)
0.33
0.50
-
A /W
VR = 5V
ID
Dark current
-
1.0
5.0
nA
VR = 5V
λP
Peak response wavelength
-
880
-
nm
tr
Output rise time(4)
-
6.0
-
ns
VR = 15V
CJ
Junction capacitance
-
3.0
-
pF
VR = 20V
FoV
Field of view
-
80
-
deg.
notes: 3. Tested with 50/125 µm, 0.20 N. A. fiber @ 10 µW optical power with 850nm source. Responsivity levels
apply to 50 µm, 62.5 µm and 100 µm core optical fibers.
4. RL = 50Ω, 10% - 90%.
0.100 ± 0.005 (0.457 ± 0.127) long
0.006 ± 0.001 (0.152 ± 0.025) wide
0.019/0.016
(0.480/0.404)
0.100
(2.54)
0.040
(1.016)
0.142
(3.607)
(13.97 ± 0.127)
(4.115)
0.220
(5.588)
0.190
(4.826)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
CAUTION: Do not exceed the absolute maximum soldering
temperature and time duration shown in note 1.
Revised 3/15/06


Similar Part No. - CFD470

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448 Datasheet
358Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CFD4448 CENTRAL-CFD4448 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED
CFD4448 CENTRAL-CFD4448 Datasheet
1Mb / 2P
120V, 250mA Switching Diode in ultra miniature SOD-882L package
CFD4448 CENTRAL-CFD4448_11 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED
CFD4448 CENTRAL-CFD4448_15 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CFD470

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH2012A SIEMENS-SFH2012A Datasheet
76Kb / 2P
FIBER OPTIC PIN PHOTODIODE
logo
Micropac Industries
61082 MICROPAC-61082 Datasheet
79Kb / 2P
FIBER OPTIC PIN PHOTODIODE
logo
OPTEK Technologies
OPF422 OPTEK-OPF422 Datasheet
276Kb / 2P
Fiber Optic PIN Photodiode
OPF432 OPTEK-OPF432 Datasheet
273Kb / 2P
FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF480 OPTEK-OPF480 Datasheet
294Kb / 2P
Fiber Optic High Speed PIN Photodiode
OPF470 OPTEK-OPF470 Datasheet
299Kb / 2P
Fiber Optic PIN Photodiode
OPF430 OPTEK-OPF430 Datasheet
266Kb / 2P
Fiber Optic High Speed PIN Photodiode
OPF471 OPTEK-OPF471 Datasheet
237Kb / 2P
FIBER OPTIC PIN PHOTODIODE
OPF431 OPTEK-OPF431 Datasheet
297Kb / 2P
FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF420 OPTEK-OPF420 Datasheet
311Kb / 2P
Fiber Optic PIN Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com