Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKEY Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEY
Description  7.8mm Square(Snap-in Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEY Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKEY Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEY Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEY Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
299
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Dimensions
Product Line
Circuit Diagram
Operating
direction
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Rubber
color
Height
Product No.
SKEYAHA010
SKEYAJA010
SKEYACA010
0.78N
1.18N
2.45N
Vertical
1
1.2
5mA
12V DC
Rating
(min.)
10
BA
1V DC
100,000cycles
500,000cycles
500
Ω max.
Minimum order
unit
(pcs.)
1,000
Light gray
Light blue
Blue
h=5mm
h=5.5mm
Unit:mm
Style
H7.8
0.7
0.7
8.5
ø3.5
Rubber dome
1
2
3
4
PC board mounting hole dimensions
(Viewed from switch mounting face)
h
5
4-ø1 holes
8.5
5.5
12
34
Using a 1.6mm thick PC board is recommended.
Note
Refer to P.306 for soldering conditions.
7.8mm Square(Snap-in Type)
SKEY Series
7.8mm
G
G7.8mm soft operation feeling for generic use.
TACT SwitchTM


Similar Part No. - SKEY

ManufacturerPart #DatasheetDescription
logo
AUER Signal GmbH
SKE AUERSIGNAL-SKE Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
logo
Mean Well Enterprises C...
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
10W DC-DC Regulated Single Output Converter
SKE10A-05 MEANWELL-SKE10A-05 Datasheet
179Kb / 1P
10W DC-DC Regulated Single Output Converter
SKE10A-12 MEANWELL-SKE10A-12 Datasheet
179Kb / 1P
10W DC-DC Regulated Single Output Converter
SKE10A-15 MEANWELL-SKE10A-15 Datasheet
179Kb / 1P
10W DC-DC Regulated Single Output Converter
More results

Similar Description - SKEY

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEG ALPS-SKEG Datasheet
247Kb / 5P
6mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKPD ALPS-SKPD Datasheet
210Kb / 3P
7.8mm Square(Radial Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
6mm Square (Snap-in Type)
SKPD ALPS-SKPD_15 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com