Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM562AP_07 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
21
Modem Status Register (MSR): Address 6
Reset State bit 0-3 : low , bit 4-7: Input Signal
bit7 bit6 bit5 bit4
bit3
bit2
bit1
bit0
DCD
RI
DSR CTS DDCD TERI DDSR DCTS
This 8-bit register provides the current state of the
control lines from the Modem to the CPU. In addition,
four bits of the Modem Status Register provide
change information. These bits are set to logic 1
whenever a control input from the Modem changes
state. They are reset to logic 0 whenever the CPU
reads the Modem Status Register.
Bit 0: This bit is the Delta Clear to Send (DCTS)
indicator. Bit 0 indicates that the CTS (MSR Bit 4)
has changed state since the last time it was read by
the CPU.
Bit 1: This bit is the Delta Data Set Ready (DDSR)
indicator. Bit 1 indicates that the DSR (MSR Bit 5)
has changed state since the last time it was read by
the CPU.
Bit 2: This bit is the Trailing Edge of Ring indicator. Bit
2 indicates that the RI (MSR Bit 6) has changed from
a low to a high state.
Bit 3: This bit is the Delta Data Carrier Detect (DDCD)
indicator. Bit 3 indicates that the DCD (MSR Bit 7)
has changed state.
Note:Whenever bit 0, 1, 2 or 3 is set to logic 1, a
Modem Status Interrupt is generated.
Bit 4: This bit reflects the value of MSR Bit 4 (CTS).
Bit 5: This bit reflects the value of MSR Bit 5 (DSR).
Bit 6: This bit reflects the value of MSR Bit 6 (RI).
Bit 7: This bit reflects the value of MSR Bit 7 (DCD).
Scratch Register (SCR): Address 7
Reset State 00h
This 8-bit Read/Write Register does not control the
UART in any way. It is intended as a Scratch Pad
Register to be used by the programmer to hold data
temporarily.
Divisor Latch (DLL): Address 0 (DLAB = 1)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0
This register contains baud rate information from the
host PC. The PC sets the Divisor Latch Register
values.
Divisor Latch (DLM): Address 1 (DLAB = 1)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0
This register contains baud rate information from the
host PC.
Note:Two 8-bit latches (DLL-DLM) store the divisor in
16-digit binary format. The desired baud rate can be
obtained by dividing the 115200Hz clock by the
divisor.
Desired
Baud
Rate
Divisor
Value
50
2304
75
1536
110
1047
150
768
300
384
600
192
1200
96
2400
48
4800
24
9600
12
19200
6
38400
3
57600
2
115200
1
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com