Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM-7700AG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-7700AG
Description  1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-7700AG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-7700AG Datasheet HTML 1Page - Optoway Technology Inc SPM-7700AG Datasheet HTML 2Page - Optoway Technology Inc SPM-7700AG Datasheet HTML 3Page - Optoway Technology Inc SPM-7700AG Datasheet HTML 4Page - Optoway Technology Inc SPM-7700AG Datasheet HTML 5Page - Optoway Technology Inc SPM-7700AG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-7700G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-7700G / SPM-7700BG / SPM-7700AG
(SC BIDI SFP)
(RoHS Compliant)
SPM-7700LG / SPM-7700BLG / SPM-7700ALG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-7700G
l Simplex LC Connector: SPM-7700LG
l 1550 nm LD Transmitter
l 1310 nm Receiver
l 500 m links with 62.5/125
µm MMF Cables
l 500 m links with 50/125
µm MMF Cables
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-7700G
l -10 to 85oC Operating : SPM-7700BG
l -40 to 85oC Operating : SPM-7700AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l IEEE 802.3ah 1000BASE-BX Applications
l Fibre Channel Links
DESCRIPTION
The SPM-7700G series is small form factor pluggable
module for multi-mode fiber Gigabit Ethernet and Fibre
Channel single fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. The transmitter
section uses a multiple quantum well 1550 nm laser and is
a class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1310 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-7700G
1.25
0 to 500
1550
1310
SC SFP
0 to 70
-4 to -10
-17
Yes
SPM-7700BG
1.25
0 to 500
1550
1310
SC SFP
-10 to 85
-4 to -10
-17
Yes
SPM-7700AG
1.25
0 to 500
1550
1310
SC SFP
-40 to 85
-4 to -10
-17
Yes
SPM-7700LG
1.25
0 to 500
1550
1310
LC SFP
0 to 70
-4 to -10
-17
Yes
SPM-7700BLG
1.25
0 to 500
1550
1310
LC SFP
-10 to 85
-4 to -10
-17
Yes
SPM-7700ALG
1.25
0 to 500
1550
1310
LC SFP
-40 to 85
-4 to -10
-17
Yes


Similar Part No. - SPM-7700AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-7700AG OPTOWAY-SPM-7700AG Datasheet
172Kb / 5P
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700AG OPTOWAY-SPM-7700AG Datasheet
177Kb / 6P
1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-7700AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-7600G OPTOWAY-SPM-7600G Datasheet
172Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G OPTOWAY-SPM-7700G Datasheet
172Kb / 5P
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G Datasheet
172Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9700G OPTOWAY-SPM-9700G Datasheet
172Kb / 5P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G_08 Datasheet
177Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9720G OPTOWAY-SPB-9720G_08 Datasheet
177Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPM-7600G OPTOWAY-SPM-7600G_08 Datasheet
176Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7600WG OPTOWAY-SPM-7600WG_08 Datasheet
177Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-9700G OPTOWAY-SPM-9700G_08 Datasheet
177Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G_08 Datasheet
176Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com