Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRHADE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRHADE010
Description  4-direction with Center-push Function (Surface mount type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRHADE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRHADE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRHADE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRHADE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1,300
10,400
10,400
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Variable
Resistor Type
Switch
Type
481
Multi Control
Devices
4-direction with Center-push Function (Surface mount type)
SKRH Series
x
Guide bosses
Stem
0.5
0.3
0.49
Center of stem rotation
The direction of operation
b
45゚
7.5
6
5
4
3
2
1
¿3
d
c
b
a
2
8.5
5.8
ø1
.0
5 h
ole
ø0.75 h
ole
Product Line
SKRHAAE010
SKRHABE010
1.23N
2.35N
50mA
12V DC
10
BA
1V DC
200,000
cycles
for each
direction
500m
Ω
max.
100m
Ω
max.
Without
guide bosses
With guide
bosses
Operating force
4-direction Center push
0.25
0.15
SKRHACE010
SKRHADE010
1.2N
1,000,000
cycles
for each
direction
Without
guide bosses
With guide
bosses
Travel
(mm)
4-direction Center push
Rating
(max.)
Rating
(min.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Black
Natural
Stem
color
Variety
Product No.
PC board mounting hole and land dimensions
(Viewed from mounting face)
Style
Dimensions
Unit:mm
Common
B
D
Center
A
C
1
2
3
4
5
6
Circuit Diagram
1. Please place purchase orders for taping products per
minimum order unit (1 reel or 1 case).
2. 4-directional operating force and travel are measured at
4.3mm height from the bottom of the switch.
Notes
Body hight of 1.85mm available with long-life of 1mil life cycles.
Multi Control Devices TACT Switch
TM
Specification of Embossed Taping Package
(Taping Packaging for Auto-insertion)
Refer to P.492 for soldering conditions.
x
h
7.35 1.8
SKRHAAE010
SKRHABE010
7.45
SKRHACE010
SKRHADE010
1.85
a
b
2.14
1
2.17 1.6
c
8.6
8.7
1,300
Minimum order unit
(pcs.)
Plastic Reel
Reel Size
17.5
Unit:mm


Similar Part No. - SKRHADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRHADE010 ALPS-SKRHADE010 Datasheet
670Kb / 3P
4-direction with Center-push Function (Surface Mount Type)
logo
List of Unclassifed Man...
SKRHADE010 ETC-SKRHADE010 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - SKRHADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SKQU ALPS-SKQU Datasheet
244Kb / 4P
4-direction with Center-push Function (SMD & Snap-inType)
SKRV ALPS-SKRV Datasheet
185Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
logo
Rohm
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
Surface Mount type 4 Direction Detector
RPI-1040 ROHM-RPI-1040 Datasheet
69Kb / 3P
Surface Mount type 4 Direction Detector
logo
ALPS ELECTRIC CO.,LTD.
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
4-direction with Center-push Function (Surface Mount Type)
SKRV ALPS-SKRV_15 Datasheet
684Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
logo
Rohm
RPI-1035 ROHM-RPI-1035 Datasheet
410Kb / 5P
Surface Mount type 4 Direction Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com