Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRPADE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRPADE010
Description  4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRPADE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRPADE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRPADE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRPADE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4,000
40,000
40,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
282
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Product Line
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem color
1.57N
2.55N
4N
Vertical
0.2
50mA
16V DC
Rating
(min.)
10
BA
1V DC
100,000cycles
50,000cycles
100,000cycles
500m
Ω
max.
Natural
Black
Product No.
SKRPABE010
SKRPACE010
SKRPADE010
Operating
direction
3
4.6
Stem
4.2
3
4
1
2
R1.1
Dimensions
Unit:mm
PC board land dimensions
(Viewed from switch mounting face)
3.1
5.2
Style
Circuit Diagram
12
34
Refer to P.306 for soldering conditions.
4.2
×3.2mm Compact High Operating Force (Surface Mount Type)
SKRP Series
High operation force satisfy the needs in automotive applications. Wide stem & good mountability.
TACT Switch
TM
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
1. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
2. For
φ330mm diameter reel requirements, please contact us.
Note
4,000
Minimum order unit
(pcs.)


Similar Part No. - SKRPADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRPADE010 ALPS-SKRPADE010 Datasheet
845Kb / 3P
High operation force satisfies the needs in automotive applications. Wide stem & good mountability
More results

Similar Description - SKRPADE010

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SKPG ALPS-SKPG Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com