Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLB5 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB5
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB5 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SLLB5 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB5 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB5 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB5 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Variable
Resistor Type
Switch
Type
490
Multi Control
Devices
Items
Typical Specifications
Rating
(max.)
/
(min.)
(Resistive load)
10mA 5V DC/50
BA 3V DC
1
Ω max.
Contact resistance
0.65
%0.3N
2.5
%1N
0.7mm
100,000cycles
Operating
force
Lever portion
Push portion
Travel
(Push operation)
Operating life
Specifications
Mounting knob
integrated
Product Line
Actuator
configuration
Push-on switch
Mounting knob
With
With
Without
With
Without
SLLB520100
SLLB510200
SLLB510100
SLLB520200
Product No.
Drawing
No.
1
2
Location lug
6,000
Minimum order
unit
(pcs.)
Lever and Push Operation Type Switch
SLLB5 Series
Compact two-way input device approximately 50% smaller than our conventional models.
Multi Control Devices
Taping Specification (Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
1,500
3,000
6,000
24
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
Japan
1 case
/export
packing
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please contact us for automotive use products.
3. Please place purchase orders per minimum order unit (integer).
Notes


Similar Part No. - SLLB5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB510100 ALPS-SLLB510100 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB510100 ETC-SLLB510100 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SLLB510200 ALPS-SLLB510200 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB510200 ETC-SLLB510200 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SLLB520100 ALPS-SLLB520100 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
More results

Similar Description - SLLB5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com