Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEC Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEC
Description  2.5mm-travel Vertical Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEC Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPEC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
107
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Attached Parts
Please specify required knob.
Knob outline drawing
Black
Red
White
UJ206022
UJ206020
UJ206026
4093-1
4093-2
4093-3
UE201011
UE201012
UE201013
UE202011
UE202012
UE202013
UE203011
UE203012
UE203013
UE204011
UE204012
UE204013
UE200011
UE200012
UE200013
SPPJ3
SPUJ
SPPJ2
SPUP
SPUN
SPEC
Variety
Color
Model
Series
Unit:mm
4.6
5
9.7
9.9
5.3
5.5
11.9
12.3
6.6
7
14.9
14.5
7.4
7
17.4
17
7.8
7.4
19.5
19.9
7.4
7.8
ø
10
ø
10.2
Key pitch 10mm
Square knob
Key pitch 12.5mm
Square knob
Key pitch 15mm
Square knob
Key pitch 17.5mm
Square knob
Key pitch 20mm
Square knob
Round knob
Knob
Knob face
We recommend the use of adhesive to secure the knob when mounting onto switches.
Note
Push Switches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com