Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPED3 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED3
Description  3.8mm-travel Push-push Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED3 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPED3 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED3 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED3 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
103
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
3.8mm-travel Push-push Type
SPED3/SPED4/SPED5 Series
1
Non
shorting
Alternate
SPED310200
SPED420200
SPED53
F
Poles
Changeover
timing
ー
For PC
board
ー
Terminal
type
2,500
1,120
Minimum order
unit
(pcs.)
Operation
Product No.
1
2
3
Drawing
No.
Product Line
Connector
PC board
With wire
Mounting
method
ー
Rating
ー
Travel
(mm)
3.8
Total travel
(mm)
1. FIf the wire length and color are not specified, length (terminal (1) and (2): 125mm, common terminal: 45mm), color
can be specified from black, white, and light green freely.
2. Please place purchase orders per minimum order unit (integer).
Notes
Smooth and linear operation feeling.
SPED3
SPED4
SPED5
Push Switch
1A 14.5V DC
4.17
±0.74N
100
mΩ max.
Ratings
Items
Specifications
Contact resistance
(Initial performance)
Operating force
30,000cycles
Operating life
(Without load)
1-pole, 2-positions
Circuit configuration
3.8mm
Travel
Typical Specifications


Similar Part No. - SPED3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPED310200 ALPS-SPED310200 Datasheet
959Kb / 4P
3.8mm-travel Push-push Type
SPED3 ALPS-SPED3_15 Datasheet
959Kb / 4P
3.8mm-travel Push-push Type
More results

Similar Description - SPED3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
SPED2 ALPS-SPED2 Datasheet
121Kb / 2P
4.5mm-travel Push-push Type
logo
Yamaichi Electronics Co...
NMS011-2500-1 YAMAICHI-NMS011-2500-1 Datasheet
168Kb / 2P
miniSD Card Reader - Push / Push (Reversed Type)
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
2.50mm Pitch SD Card Push - Push Reverse Type
logo
ALPS ELECTRIC CO.,LTD.
SPED2 ALPS-SPED2_15 Datasheet
929Kb / 4P
4.5mm-travel Push-push Type
SPED3 ALPS-SPED3_15 Datasheet
959Kb / 4P
3.8mm-travel Push-push Type
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
SHINMEI ELECTRIC CO., L...
SW1AF-360-T10 SHINMEI-SW1AF-360-T10 Datasheet
124Kb / 3P
Push-type Detector Switches
SW1AG-550 SHINMEI-SW1AG-550 Datasheet
86Kb / 2P
Push-type Detector Switches
SW-110 SHINMEI-SW-110 Datasheet
119Kb / 3P
Push-type Detector Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com