Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEG Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEG
Description  Hollow Slider Momentary Type Push Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEG Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPEG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPEG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
94
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Hollow Slider Momentary Type Push Switch
SPEG Series
Hollow type supporting designs such as LED illumination.
Push Switch
Operating life
50mA 16V DC/50
BA 3V DC
200m
Ω max./500mΩ max.
30,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Typical Specifications
Operating forces
2.16N
1.1
1
SPEG110100
SPEG120100
Without
With
4,800
Product Line
Travel
(mm)
Ground terminal
Poles
Minimum order unit
(pcs.)
Product No.
Taping Specification (Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
1,200
2,400
4,800
24
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
NEW
Please place purchase orders per minimum order unit (integer).
Note


Similar Part No. - SPEG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEG110100 ALPS-SPEG110100 Datasheet
947Kb / 3P
Hollow Slider Momentary Type
SPEG120100 ALPS-SPEG120100 Datasheet
947Kb / 3P
Hollow Slider Momentary Type
SPEG ALPS-SPEG_15 Datasheet
947Kb / 3P
Hollow Slider Momentary Type
More results

Similar Description - SPEG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Tyco Electronics
91-320 MACOM-91-320 Datasheet
27Kb / 1P
D.P. MOMENTARY CONTACT PUSH SWITCH - NORMALLY "DFF"||" "455713
Miniature Power PCB Relay PB
logo
ALPS ELECTRIC CO.,LTD.
SPEG ALPS-SPEG_15 Datasheet
947Kb / 3P
Hollow Slider Momentary Type
logo
Schneider Electric
9001KR24BM SCHNEIDER-9001KR24BM Datasheet
150Kb / 5P
Momentary Push Button
Dec 27, 2021
9001KR24GM SCHNEIDER-9001KR24GM Datasheet
159Kb / 5P
Momentary Push Button
Dec 27, 2021
9001KR24RM SCHNEIDER-9001KR24RM Datasheet
167Kb / 5P
Momentary Push Button
Dec 27, 2021
9001KR25BM SCHNEIDER-9001KR25BM Datasheet
152Kb / 5P
Momentary Push Button
Dec 27, 2021
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
9001KR25RM SCHNEIDER-9001KR25RM Datasheet
149Kb / 5P
Momentary Push Button
Dec 27, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com