Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100PL Datasheet(PDF) 10 Page - ams AG

Part # AS1100PL
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100PL Datasheet(HTML) 10 Page - ams AG

Back Button AS1100PL Datasheet HTML 6Page - ams AG AS1100PL Datasheet HTML 7Page - ams AG AS1100PL Datasheet HTML 8Page - ams AG AS1100PL Datasheet HTML 9Page - ams AG AS1100PL Datasheet HTML 10Page - ams AG AS1100PL Datasheet HTML 11Page - ams AG AS1100PL Datasheet HTML 12Page - ams AG AS1100PL Datasheet HTML 13Page - ams AG AS1100PL Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
10 - 17
AS1100
Data Sheet - D e t a i l e d D e s c r i p t i o n
Display Test Register
With the display test register 0Fh all LED can be tested. In the test mode all LEDs are switched on at maximum
brightness (duty cycle 31/32). All programming of digit and control registers are maintained. The format of the register
is given in Table 13.
Note: The AS1100 remains in display-test mode until the display-test register is reconfigured for normal operation.
No-Op Register (Cascading of AS1100)
The no-operation register 00h is used when AS1100s are cascaded in order to support more than 8 digit displays. The
cascading must be done in a way that all DOUT are connected to DINof the following AS1100. The LOAD and CLK
signals are connected to all devices. For a write operation for example to the fifth device the command must be
followed by four no-operation commands. When the LOAD signal finally goes to high all shift registers are latched. The
first four devices have got no-operation commands and only the fifth device sees the intended command and updates
its register.
Reset and external Clock Register
This register is addressed via the serial interface. It allows to switch the device to external clock mode (If D0=1 the
CLK pin of the serial interface operates as system clock input.) and to apply an external reset (D1). This brings all
registers (except reg. E) to default state. For standard operation the register contents should be "00h".
Table 12. Maximum segment current for 1-, 2-, or 3-digit displays
Number of digits Displayed
Maximum Segment Current (mA)
110
220
330
Table 13. Display-test register format (address (hex) = 0xXF)
Mode
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation
XXX
XXX
X
0
Display Test Mode
XXX
XXX
X
1
Table 14. Reset and External Clock Register (address (hex) = oxXE)
Mode
Address
Register Data
code (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation,
internal clock
0xXE
XXX
XXX
0
0
Normal Operation,
external clock
0xXE
XXX
XXX
0
1
Reset state,
internal clock
0xXE
XXX
XXX
1
0
Reset state,
external clock
0xXE
XXX
XXX
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com