Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPB2A0100 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPB2A0100
Description  General-purpose Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPB2A0100 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  SPPB2A0100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SPPB2A0100 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
50
BA 3V DC
Rating
(min.)
(Resistive load)
Cold
Dry
heat
Damp
heat
ー20±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
ー20±2℃ for 96h
ー40±2℃
for 96h
Operating
temperature range
Rating
(max.)
(Resistive load)
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Actuator
strength
0.1A 30V DC
ー40℃ to +85℃
ー10℃ to +60℃
ー40℃ to +85℃
ー40℃ to +85℃
1
Ω max.
1
Ω max.
500m
Ω max.
3N for
1 minute
3N for
1 minute
10N
10N
2
Ω max.
1mA 5V DC
0.1A 12V DC
1N for
1 minute
5N
100M
Ω min. 100V DC
100V AC for 1 minute
0.5N for
1 minute
5N
0.5N for
1 minute
2N
3
Ω max.
70m
Ω max.
500m
Ω max.
3N for 1 minute
5N
10N
20m
Ω max.
100M
Ω min. 250V DC
250V AC for 1 minute
3N for 30s
1N
Dimensions
(mm)
Soldering
Page
Number of
poles
W
Operation force
0.35N max.
0.3N max.
0.4N max.
D
H
Manual
soldering
Dip
soldering
Reflow
soldering
6.3
3
4.9
28
5
4
36
3.4
2.3
34
0.35N max.
2.8
3.5
1.5
38
40
1
3.6
4.2
1.2
0.3N max.
0.5N max.
3.5
11
5.8
7
44
9
4.5
41
0.7
±0.3N
12.5
5
11.5
45
1.2
1
260
±5℃,
5
±1s
255
±5℃,
5
±1s
―
―
Please see P.79
―
300
±5℃,
5s max.
350
±5℃, 3s max.
―
350
±5℃, 3s max.
260
±5℃,
5
±1s
245
±5℃,
5
±1s
300
±10℃,
3s
+1
0
ー10℃ to +60℃
100
BA 3V DC
50
BA 3V DC
100
BA 3V DC
50
BA 3V DC
Operating life
without Load
Operating life
with Load
50,000cycles
2Ω max.
50,000cycles
1Ω max.
100,000cycles
2Ω max.
50,000cycles 5Ω max.
100,000cycles
1Ω max.
10,000cycles
100mΩ max.
10,000cycles
40mΩ max.
(0.1A 30V DC)
50,000cycles 2Ω max.
(0.1A 30V DC)
50,000cycles 1Ω max.
(0.1A 30V DC)
100,000cycles 2Ω max.
(1mA 5V DC)
50,000cycles 5Ω max.
(1mA 5V DC)
100,000cycles 1Ω max.
(0.1A12VDC)
10,000cycles150mΩ max.
(0.1A12VDC)
10,000cycles60mΩ max.
Power
25
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Detector Switches
Series
Photo
Operation type
SPPB
General-purpose Type
SPPW8
SPVE
SPVM
SPVR
SSCU
SPVF
SSCT
List of Varieties
(General-purpose Type)
● Detector Switches Soldering Conditions ……………………………………………………………………………………79
● Detector Switches Cautions ……………………………………………………………………………………………………80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com