Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVE Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVE
Description  Compact One-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVE Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVE Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact One-way Operation Type
SPVE Series
Power
34
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Product Line
Poles
1
1
h=3.8
h=4.1
h=4.8
h=5.2
h=5.5
3.3
Positions
Product
No.
Slider height
(mm)
h1=3.5
h1=3.8
h1=4.5
h1=4.9
h1=5.2
3.0
ON start
position
(mm)
h2=2.5
h2=2.9
h2=3.6
h2=4.0
h2=4.3
2.0
Total
travel
(mm)
Location
lug
Standard
Low-profile
Mounting
method
22,400
17,600
16,000
22,400
Minimum
order unit
(pcs)
Terminal
type
1
2
Drawing
No.
For PC board
(Reflow)
SPVE110100
SPVE110600
SPVE110401
SPVE110801
SPVE110200
SPVE110900
SPVE111300
SPVE111200
SPVE210100
Without
With
Without
With
Without
With
―
1. Standard type dimensions indicate "with location lug" version.
2. Products other than those listed in the above chart are also available. Please contact us for details.
3. Please place purchase orders per minimum order unit (integer).
Notes
Detector Switch
Applicable for use in compact digital devices. One of the smallest detector
switches in the industry with a size of 3.4G
G3.0mm.
Operating life
0.1A 30V DC/50
BA 3V DC
0.3N max.
500m
Ω max./1Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø380
13.4
Unit:mm
Series
12
22,400
5,600
2,800
h=3.8
Number of packages
(pcs.)
Tape
width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
h=4.1
17,600
4,400
2,200
h=4.8
16,000
4,000
2,000
h=5.2
h=5.5
Standard
22,400
5,600
2,800
Low-profile
h=3.3


Similar Part No. - SPVE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
SPVE110100 ETC2-SPVE110100 Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE110100 ALPS-SPVE110100 Datasheet
883Kb / 4P
Compact One-way Operation Type
logo
List of Unclassifed Man...
SPVE110200 ETC2-SPVE110200 Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE110200 ALPS-SPVE110200 Datasheet
883Kb / 4P
Compact One-way Operation Type
More results

Similar Description - SPVE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
One-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com