Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1103 Datasheet(PDF) 7 Page - ams AG

Part # AS1103
Description  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1103 Datasheet(HTML) 7 Page - ams AG

Back Button AS1103 Datasheet HTML 3Page - ams AG AS1103 Datasheet HTML 4Page - ams AG AS1103 Datasheet HTML 5Page - ams AG AS1103 Datasheet HTML 6Page - ams AG AS1103 Datasheet HTML 7Page - ams AG AS1103 Datasheet HTML 8Page - ams AG AS1103 Datasheet HTML 9Page - ams AG AS1103 Datasheet HTML 10Page - ams AG AS1103 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.austriamicrosystems.com
Revision 1.5
7 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Ty pi c al Pe r fo r m a nc e C h ar a c te r i sti c s
Figure 9. AS1102, AS1103, AS1104 ILED vs. RSET,
Figure 10. AS1102, AS1103, AS1104 ILED vs. RSET;
VSET = 3V
VSET = 3V
Figure 11. AS1101 ILED vs. RSET; VSET = 3V
Figure 12. ILED vs. Temp; VLED = -0.25V, ISET = 50µA
Figure 13. AS1101 ILED vs. ISET
Figure 14. AS1102, AS1103, AS1104 ILED vs. ISET
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100 120 140 160
RSET (kΩ)
0
5
10
15
20
25
30
35
0
20406080 100 120 140 160 180 200
RSET (kΩ)
VSAT = 0.6V
VSAT = 0.3V
VSAT = 0.5V
VSAT = 0.4V
VSAT = 1V
VSAT = 0.15V
VSAT = 0.6V
VSAT = 0.3V
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100 120 140 160
RSET (kΩ)
VSAT = 0.6V
VSAT = 0.3V
VSAT = 0.5V
VSAT = 0.4V
2
4
6
8
10
12
14
16
18
20
22
10
20
30
40
50
60
70
80
90 100
RSET (kΩ)
VSAT = 0.30V
VSAT = 0.05V
VSAT = 0.10V
VSAT = 0.15V
VSAT = 0.20V
VSAT = 0.25V
11
11.5
12
12.5
13
-40
-20
0
20
40
60
80
100
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100 120 140 160
ISET (µA)
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100 120 140 160
ISET (µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com