Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUP192000 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUP192000
Description  1.5/2mm-travel Medium-sized Horizontal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUP192000 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPUP192000 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUP192000 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUP192000 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating
(max.)
(Resistive load)
Rating
(min.)
(Resistive load)
82
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Push Switches
List of Varieties
Series
Photo
Travel
(mm)
Total travel
(mm)
Number of
poles
Dimensions
(mm)
Page
W
7.5
15.2
22.7
8.8
90
91
92
88
86
85
96
D
H
SPUJ
SPUP
SPUN
SPPJ2
SPPJ3
SPPJ6
SPEE
SPPH2
2
3
2
4
10.3
1.5
2
2.5
3
10
24
36
13
2.5
3.5
7.2
9.6
2
6.6
12
8.3
2.5
3.5
1
2
9
4.5
1.5
2.5
2
6.5
6
6.5
1
1.5
2
1.
F1. The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
2.
F2. 1V or less, at the present rating of 1mA, 5V DC for output voltage.
Notes
● Push Switches Attached Parts ………………………………………………………………………………………………107
● Soldering Conditions …………………………………………………………………………………………………………108
● Push Switches Products Caution ……………………………………………………………………………………………109
84
4
5
1.22
0.3
0.71
0.9
1
300
±10℃
3
+1s
0
350
±10℃
3
+1s
0
350
±5℃
3s max.
350
℃ max.
3s max.
350
±10℃
3
+1s
0
350
±10℃
4
+1s
0
260
±5℃
10
±1s
260
±5℃
10
±1s
260
±5℃
5
±1s
260
±5℃
5
±1s
―
Please see
P.108
Please see
P.108
―
260
±5℃
5
±1s
Dip
soldering
Reflow
soldering
Manual
soldering
Operating
temperature range
−10˚C to +60˚C
−40˚C to +85˚C
−10˚C to +60˚C
100M
Ω min. 500V DC
10M
Ωmin.
100V DC
500V AC for 1minute
100V AC
for 1minute
50N
–20
±2℃ for 96h
–40
±2℃
for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
–20
±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
―
50N
30N
30N
5N for 1minute
3M
Ω min.
100V DC
100V AC for
1minute
0.5N for
1minute
100M
Ω min.
500V DC
500V AC for
1minute
5N for
1minute
―
20m
Ω max.
※2
30m
Ω
max.
94
SPEG
7.15
8.35
3.5
―
1.2
1
―
―
200m
Ω
max.
50N
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Operating
direction
Pulling
direction
Cold
Dry heat
Damp heat
Actuator
strength
※1
※1
medium curent※1
10,000cycles 40m
Ω max.
10,000cycles 40m
Ω max.
10,000cycles
40m
Ω max.
10,000cycles
50m
Ω max.
5,000cycles
40m
Ω max.
35,000cycles
500m
Ω max.
30,000cycles
40m
Ω max.
100,000
cycles
Operating life
without load
100,000
cycles
Operating life without
load Load:as rating
0.2mA 5V DC
50
BA 3V DC
0.2mA 30V DC
0.1mA 30V DC
50mA 16V DC
1A 25V DC
0.1A 12V DC
50
BA 3V DC
20mA 5V DC
100
BA 3V DC
SPUN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com