Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVG Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVG
Description  2mm-thick Two-way Operation Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVG Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SPVG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVG Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Power
59
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
2
1
1
23
4
Terminal LayoutViewed from Direction A
1
2
3
1
23
1
3
4
2
Circuit Diagram
1
32
12
Drawing No. : 1, 5, 9, 11
Drawing No. : 2, 3, 6, 7
Drawing No. : 4, 8, 10, 12
Drawing No. : 1, 5, 9, 11
Drawing No. : 2, 6
Drawing No. : 3, 7
Drawing No. : 4, 8, 10, 12
2mm-thick Two-way Operation Type
SPVG Series
Detector Switch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com