Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVG211300 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVG211300
Description  2mm-thick Two-way Operation Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVG211300 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPVG211300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Power
57
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Photo
Style
PC board mounting hole and land dimensions
(Viewed from direction A )
No.
6.1
2.8
1.1
1.7
4.5
ø1.1 hole
ø1.3 hole
7
Left operation type
6.1
1.1
1.7
ø1.1 hole
ø1.3 hole
8
Left operation type
Unit:mm
Dimensions
(1.51)
(0.25)
1
5.5
1.3
3.5
4.4
0.26
(R3.77)
Terminal No.1
Center of rotation
ON position, operating force
standard measurement position
Control
direction
Total travel
ON starting position
3.73
(1.51)
(0.25)
1
5.5
1.3
3.5
4.4
0.26
(R3.77)
Terminal No.1
Center of rotation
ON position,operating force
standard measurement position
Control
direction
Total travel
ON starting position
A
0.05
2
0.9
1.5
0.5
Location lug
A
0.05
2
0.9
1.5
0.5
Location lug
6.1
5.6
1.1
1.7
9
ø1.1 hole
ø1.3 hole
5
6.1
2.8
1.1
1.7
4.5
ø1.1 hole
ø1.3 hole
6
Left operation type
Left operation type
(1.51)
(0.25)
1
7.45
5.5
1.3
3.5
4.4
0.26
(R3.77)
Terminal No.1
Center of rotation
ON position, operating force
standard measurement position
Control
direction
Total travel
ON starting position
(1.51)
(0.25)
1
3.73
5.5
1.3
3.5
4.4
0.26
(R3.77)
Terminal No.1
Center of rotation
ON position, operating force
standard measurement position
Control
direction
Total travel
ON starting position
A
0.05
2
0.9
1.5
0.5
Location lug
A
0.05
2
0.9
1.5
0.5
Location lug
2mm-thick Two-way Operation Type
SPVG Series
Detector Switch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com