Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVM
Description  Compact Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVM Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact Two-way Operation Type
SPVM Series
Power
38
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Product Line
Poles
1
1
Without
terminal
With terminal
SPVM110100
Positions
With
SPVM110200
Without
SPVM210100
With
SPVM210200
Without
Location lug
12,000
Minimum
order unit
(pcs)
Product No.
1
2
Drawing No.
Housing
For PC board
(Reflow)
Terminal
type
3.5
G
G2.8G
Gheight 1.5mm compact detector switch detects from both vertical and
horizontal direction.
Detector Switch
Operating life
1mA 5V DC/50
BA 3V DC
0.4N max.
2
Ω max./5Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø380
17.4
Unit:mm
3,000
6,000
12,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
1. When applying the soldered frame terminals as earth terminals, place No.3 and No.4 terminals on the same ground.
2. Please place purchase orders per minimum order unit (integer).
Notes


Similar Part No. - SPVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
SPVM110100 ETC2-SPVM110100 Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVM110100 ALPS-SPVM110100 Datasheet
903Kb / 4P
Compact Two-way Operation Type
logo
List of Unclassifed Man...
SPVM110200 ETC2-SPVM110200 Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVM110200 ALPS-SPVM110200 Datasheet
903Kb / 4P
Compact Two-way Operation Type
More results

Similar Description - SPVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com