Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVN Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVN
Description  Low-profile Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVN Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power
52
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Style
Above dimensions indicate "with location lug" versions.
Note
Terminal Layout(Viewed from Direction A)
Circuit Diagram
(Common)
(Common)
Dimensions
Unit:mm
Photo
PC board mounting hole and land
dimensions
(Viewed from direction A )
Right operation type
No.
1
1.6
4.7
2-¿0.75
holes
3.1
Left operation type
2
Right operation type
3
Left operation type
4
ON starting position(horizontal direction),
operating force standard measurement position
(vertical direction)
ON starting position
Center of rotation
ON starting position
(horizontal direction)
Total travel position
Location lug
3.8
0.75
1
0.4
0.2
C0.1
4.26
1.6
(2.77)
0.52
1.17
Terminal No.1
A
0.75
ON starting position
(horizontal direction)
,
(Vertical direction)
ON starting position
Total travel position
Center of rotation
ON starting position
(horizontal direction)
operating force standard measurement position
Location lug
0.2
C
0.1
1
0.4
(2.77)
1.17
0.52
4.26
3.8
1.6
Terminal No.1
A
On starting position (horizontal direction),
operating force standard measurement position
On starting position
(horizontal direction)
Center of rotation
Location lug
On starting position
(vertical direction)
Total travel
0.75
0.52
3.8
1.86
0.65
(3.74)
A
0.4
1
0.2
1.6
4.26
Terminal No.1
On starting position
(horizontal direction)
On starting position (horizontal direction),
operating force standard measurement position
Center of rotation
On starting position
(vertical direction)
Total travel
Terminal No①
Location lug
1.6
4.26
A
0.75
0.4
1
0.2
C
0.1
0.52
3.8
1.86
0.65
(3.74)
Low-profile Two-way Operation Type
SPVN Series
Detector Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com