Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVP Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVP
Description  Low-profile One-way Operation Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVP Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power
49
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Poles
1
1
For PC board
(Reflow)
Positions
Product No.
Terminal type
With
Without
Location lug
SPVP110100
SPVP120100
Product Line
Long 2mm travel and 1.2mm thickness low-profile structure.
1. Above dimensions indicate "with location lug" version.
2. Please place purchase orders per minimum order unit (integer).
Notes
0.9
ø0.9
hole
4.53
2.83
Unit:mm
Dimensions
Style
PC board mounting hole and land
dimensions
(Viewed from direction A)
1
23
4
Terminal Layout
(Viewed from Direction A)
(Common)
1
2
3
4
Circuit Diagram
Low-profile One-way Operation Type
SPVP Series
Detector Switch
1.08
0.67
1.2
V
0.8
4.06
1.38
3.5
ON starting position
Total travel position
Terminal No.
A
1
Operating life
1mA 5V DC/100
BA 3V DC
0.55N max.
5
Ω max./10Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.5
Unit:mm
4,500
9,000
18,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SPVP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVP ETC2-SPVP Datasheet
92Kb / 5P
Low-profile One-way Detector Switch
SPVP110100 ETC2-SPVP110100 Datasheet
92Kb / 5P
Low-profile One-way Detector Switch
SPVP120100 ETC2-SPVP120100 Datasheet
92Kb / 5P
Low-profile One-way Detector Switch
More results

Similar Description - SPVP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVP ETC2-SPVP Datasheet
92Kb / 5P
Low-profile One-way Detector Switch
SPVE ETC2-SPVE Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
One-way Operation Type
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVN ALPS-SPVN Datasheet
236Kb / 4P
Low-profile Two-way Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com