| Electronic Components Datasheet Search |
|
STM32-PRIMER Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32-PRIMER Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() Primer usage STM32-PRIMER 2/3 Primer usage Simply plug the Primers directly into a host PC's USB port for in-circuit debugging and device programming, then compile (no code-size limit) and debug applications (up to 32 Kbytes in Flash or RAM). For information about upgrade to the unlimited version, refer to the stm32cirle web site. The Primers enable you to discover, edit and fine tune applications using Raisonance's Ride7 software toolset which drives the hardware and offers a full range of project management, source code editing and debugging features from an intuitive GUI. You can output executables with the GNU C/C++ compiler for ARM, which has no code size limitations and is seamlessly integrated into the Ride7 interface for exceptional ease-of-use. You can develop applications for STM32 using sample applications from Raisonance or other engineers at www.stm32circle.com as the starting point for new innovations. All the preloaded sample applications, new applications and the CircleOS task scheduler can be downloaded for free from the stm32circle web site. This Primer dedicated internet site also provides FAQ, user forums, links to development resources and much more. Note: In addition to STM32, Raisonance Ride7 also supports the complete range of STR7/9 ARM core-based, 32-bit devices, as well as the STM8, ST7 and uPSD 8-bit microcontroller families. For details about available compilers and special features for each family, refer to the STMicroelectronics microcontroller support site on www.st.com. Ordering information The STM32 Primer2 and Primer are available from STMicroelectronics' sales offices and distributors. For more information and complete documentation please visit www.stm32circle.com or the STMicroelectronics microcontroller support site www.st.com or contact Raisonance. Revision history Table 2. Order codes Order code Description STM3210E-PRIMER STM32 Primer2 with STM32F103E (512 Kbytes Flash) includes Raisonance software tools (RIDE7, GNU C/C++ compiler), CircleOS task manager and sample application code implementing a range of device peripherals. The majority of projects for the previous STM32 Primer are compatible with the STM32 Primer2. STM3210B-PRIMER STM32 Primer with STM32F103B (128 Kbytes Flash) includes: Raisonance software tools (Ride7, GNU C/C++ compiler), CircleOS task manager and sample application code implementing a range of device peripherals. Table 3. Document revision history Date Revision Changes 26-Sep-2007 1 Initial release. 30-Oct-2008 2 Added the STM3210E-PRIMER details. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |