Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVR Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVR
Description  Low-profile Lever Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVR Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVR Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVR Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVR Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low-profile Lever Type
SPVR Series
Power
40
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Product Line
Poles
1
1
1.93
Positions
Product No.
Total travel
(mm)
For PC board
(Reflow)
Terminal type
With
Without
Location lug
SPVR110100
SPVR120100
Low profile, height of 1.2mm, long travel type.
1. Above dimensions indicate "with location lug" version.
2. Please place purchase orders per minimum order unit (integer).
Notes
Detector Switch
Operating life
1mA 5V DC/100
BA 3V DC
0.35N max.
3
Ω max./5Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specification
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.5
Unit:mm
2,500
5,000
10,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
10,000
Minimum
order unit
(pcs)
3
4
2
1
Terminal Layout
Viewed from Direction A
3
2
4
1
Circuit Diagram
(0.31)
1.72
A
0.6
0.95
R0.3
Center of rotation
Total travel position
(2.98)
2
ONstarting position
Terminal No.1
Frame
1.05
4.2
0.2
2.2
4-0.5
¿0.6
4
Unit:mm
Style
PC board mounting hole and
land dimensions
(Viewed from direction A)
0.8
0.8
0.2
2.2
2
Dimensions


Similar Part No. - SPVR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVR110100 ALPS-SPVR110100 Datasheet
913Kb / 3P
Low-profile Lever Type
SPVR120100 ALPS-SPVR120100 Datasheet
913Kb / 3P
Low-profile Lever Type
SPVR ALPS-SPVR_15 Datasheet
913Kb / 3P
Low-profile Lever Type
More results

Similar Description - SPVR

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X30C2EL JAE-FI-X30C2EL Datasheet
132Kb / 1P
CABLE SIDE LEVER TYPE
logo
ALPS ELECTRIC CO.,LTD.
SPVR ALPS-SPVR_15 Datasheet
913Kb / 3P
Low-profile Lever Type
SSCN ALPS-SSCN Datasheet
843Kb / 3P
Water-proof Lever Type
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-252S SHINMEI-SW1AB-252S Datasheet
220Kb / 5P
Lever-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-350 SHINMEI-SW1AB-350 Datasheet
125Kb / 3P
Lever-type Detector Switches
SW1AB-482-T50 SHINMEI-SW1AB-482-T50 Datasheet
551Kb / 2P
Lever-type Detector Switches
SW-162-2 SHINMEI-SW-162-2 Datasheet
790Kb / 2P
Lever-type Detector Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com