Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVS Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVS
Description  Compact Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVS Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVS Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVS Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVS Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVS Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power
53
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
N/O
N/C
N/O
N/C
N/C
Circuit
Product Line
Poles
1
1
SPVS310100
Positions
Operating
direction
With
SPVS310200
Without
SPVS320100
With
SPVS320200
Without
Right
Drawing
No.
1
2
3
4
5
SPVS410100
With
SPVS410200
Without
SPVS420100
With
SPVS420200
SPVS360100
SPVS360200
Without
With
Without
Left
Right
Location lug
20,000
Minimum
order unit
(pcs)
Product No.
For PC
board
(Reflow)
Terminal
type
Standerd
Long
Lever
shape
Compact Two-way Operation Type
SPVS Series
A circuit variation of Normal Open and Normal Close.
Detector Switch
Total travel
1mA 5V DC/50
BA 3V DC
0.35N max.
1.55mm
Operating life
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Operating force
Typical Specifications
Taping Packaging
Reel Size
¿380
17.5
Unit:mm
16
20,000
10,000
5,000
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit (integer).
Note
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from direction A )
No.
1
4.5
3.4
4.5
2.8
1.6
Center of rotation
1.6
4
1
0.4
C0.1
0.47
R0.13
0.49
0.53
0.19
0.91
3.5
A
(32
$)
ON starting position
(horizontal direction)
ON starting position
(horizontal direction),
operating force standard
measurement position
Total travel position
ON starting position
(vertical direction)
Terminal No. 1
Right operation type


Similar Part No. - SPVS

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
SPVS KGS-SPVS Datasheet
94Kb / 1P
5W/m·K silicone thermal pad for high operating temperature applications
logo
ALPS ELECTRIC CO.,LTD.
SPVS310100 ALPS-SPVS310100 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVS310200 ALPS-SPVS310200 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVS320100 ALPS-SPVS320100 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVS320200 ALPS-SPVS320200 Datasheet
1Mb / 5P
Compact Two-way Operation Type
More results

Similar Description - SPVS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com