Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBE Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBE
Description  Encoder and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBE Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBE Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Variable
Resistor Type
Switch
Type
486
Multi Control
Devices
A compact multifunctional operating device that can utilize the side of the set.
Encoder and Push Operation Type Switch
SRBE Series
Items
Specifications
Ratings
(max.)
/
(min.)
(Resistive load)
1mA 5V DC / 50
BA 3V DC
Output voltage
1
V max. at 1mA 5V DC
(Resistive load)
Operating force
(Push portion)
3.5
±1.5N
Travel
(Push operation)
0.2mm
Operating life
Jog portion
Jog portion
Push portion
Push portion
100,000cycles
Typical Specifications
Multi Control Devices sidejog
Please place purchase orders per minimum order unit (integer).
Note
Product Line
6
Horizontal
6,000
12
Number of
detent
Number of
pulse
Operating
direction
Minimum
order unit
(pcs.)
製品番号
Taping Specification (Taping Packaging)
Reel Size
25.4
¿380
Unit:mm
1,500
3,000
6,000
Number of packages
(pcs.)
24
1 reel
Tape width
(mm)
1 case
Japan
1 case
/export
packing
1
Product
No.
Standard
Mounting
method
Rotational torque
(Jog portion)
Low-profile
5,200
SRBE210200
SRBE110300
2
3
±2mN・m
1,300
2,600
5,200
SRBE110300
Product
No.
SRBE210200


Similar Part No. - SRBE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBE110301 ALPS-SRBE110301 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
List of Unclassifed Man...
SRBE110301 ETC-SRBE110301 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SRBE210200 ALPS-SRBE210200 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
List of Unclassifed Man...
SRBE210200 ETC-SRBE210200 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
More results

Similar Description - SRBE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com