Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBD170201 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBD170201
Description  Heavy-torque Feel, Low-profile Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBD170201 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBD170201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBD170201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBD170201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBD170201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rotary
Encoders
Power
Dual-in-line
Package Type
158
Detector
Push
Slide
Custom-
Products
TACT Switch
TM
Heavy-torque Feel, Low-profile Type
SRBD Series
Typical Specifications
Items
Rating
(max.)
/
(min.)
(Resistive load)
1mA 5V DC/50
BA 3V DC
200m
Ω max.
10,000cycles
(DC5V 1mA)
Contact resistance
13
±5mN・m
Rotational torque
Operating life with load
50m
Ω max./100mΩ max.
36
°
Insulation resistance
100VAC 1minute
Voltage proof
Angle of throw
Specifications
Mode switching with maximum 10-positions.
Rotary Switch
Product Line
Product No.
1
36
°
10
Non shorting
SRBD170101
SRBD170201
SRBD180100
SRBD110200
Poles
For PC board
(Reflow)
1.0
1.7
1.0
1.7
Soldering
Actuator length
(mm)
5,600
4,800
5,600
4,800
Minimum order
unit
(pcs.)
Changeover
angle
7
8
10
Detent
Positions
Changeover timing
1
2
1
2
Drawing
No.
Taping Specification (Taping Packeging)
Reel Size
ø380
25.4
Unit:mm
Series
1,400
Length of
operationg
section
1.0mm
1.7mm
2,800
5,600
24
1,200
2,400
4,800
Number of packages
(pcs.)
Tape
width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit(integer).
Note


Similar Part No. - SRBD170201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBD170401 ALPS-SRBD170401 Datasheet
1Mb / 4P
Heavy-torque Feel, Low-profile Type
More results

Similar Description - SRBD170201

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2MC OMRON-D2MC Datasheet
53Kb / 4P
Low-torque Basic Switch
logo
List of Unclassifed Man...
KH39GM2 ETC1-KH39GM2 Datasheet
155Kb / 2P
HIGH TORQUE, LOW VIBRATION AND LOW NOISE
logo
ALPS ELECTRIC CO.,LTD.
SPVR ALPS-SPVR Datasheet
315Kb / 3P
Low-profile Lever Type
logo
Grayhill, Inc
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
logo
ALPS ELECTRIC CO.,LTD.
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
Low-profile and good operational feel makes this excellent for car air conditioners
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
Low-profile tilting stick controller with excellent operating feel
SPVR ALPS-SPVR_15 Datasheet
913Kb / 3P
Low-profile Lever Type
SRBD ALPS-SRBD_15 Datasheet
1Mb / 4P
Heavy-torque Feel, Low-profile Type
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com