Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBV Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBV
Description  8-position Low-profile Vertical Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBV Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SRBV Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rotary
Encoders
Power
Dual-in-line
Package Type
166
Detector
Push
Slide
Custom-
Products
TACT Switch
TM
PC board
mounting face
M9G0.75
a
L±0.5
7.5
4
3.5
L1
7
2.4
Terminal No. 5
Terminal No. 6
16.2
5.4
3
Terminal No. 1
A
C0.5
-0.2
0
2.5
16
10-ø0.9 holes
Center of shaft
2.5
2.5
2.5
2-ø2 holes
⑤⑥⑦⑧⑨
⑥⑦⑧⑨
⑦⑧⑨
3-positions
4-positions
5-positions
⑧⑨
6-positions
⑨
7-positions
−
8-positions
Unit:mm
L
15
20
7
12
L1
Operation Part Details a
Dummy Terminals
4.5
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Standard Circuit Diagram Viewed from Direction A
Dimensions
Number of poles
Circuit diagram
1
1
2
3
4
5
67 8 9 !0
C
C
Unit:mm
8-position Low-profile Vertical Type
SRBV Series
Rotary Switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com