Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAA
Description  2mm-travel Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Other Use type
Small size
General Use type
Big size
General Use type
148
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
4 or 8
6
1.4
0.6
0.35
1.25
0.5
22
12
12
12.4
2
A
PC board
mounting face
Terminal No.
2
a bc
4
2.5
Travel
1
2-ø1.5 holes
8-ø0.7 holes
22
4
12
2-ø1.5 holes
6-ø0.7 holes
22
10
2-ø1.5 holes
3-ø0.7 holes
22
10
0.5
2 2
12
12
2
A
PC board
mounting face
Terminal No.
2
a b c
4
4 or 8
6
1.4
0.6
0.35
2.5
12.4
2.5
Travel
1
4 or 8
6
1.4
0.6
0.35
2.5
0.5
22
8
10
2
PC board
mounting face
Terminal No.
10.4
2.5
Travel
A
1
4 or 8
6
1.4
0.6
0.35
1.25
0.5
22
8
10
2
PC board
mounting face
Terminal No.
10.4
2.5
Travel
1
A
1
1-pole, 2-positions
2
1-pole, 3-positions
3
2-poles, 2-positions
4
2-poles, 3-positions
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
Cover Integrated Type
22
4
12
2-ø1.5 holes
4-ø0.7 holes
2mm-travel Type
SSAA Series
Slide Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com