Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAB Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAB
Description  1.9/2mm-travel, for Modulator Switching Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAB Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Other Use type
Small size
General Use type
Big size
General Use type
153
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2-ø1.4 holes
3-ø0.7 holes
22
2.3
2.3
8.6
9
Operating force : 3.5±2N
Travel
0.32
2
PC board
mounting face
Terminal No.1
1
4
3
4
0.35
2
8.6
10.1
2
2
0.5
A
4
9
1.9
2
Travel
2.1
0.4
0.7
4
8.6
0.5
A
PC board
mounting face
Terminal No.1
4.2
3.2
2
2.2
0.35
Operating force : 4±2N
1
2
Horizontal
1
Vertical
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
Circuit Diagram(Viewed from Direction A)
c
12
3
2-ø1.3 holes
3-ø0.7 holes
22
8.6
2.3
2.3
1.9/2mm-travel, for Modulator Switching Type
SSAB Series
Slide Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com