Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP124
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP124 Datasheet HTML 9Page - Analog Devices ADP124 Datasheet HTML 10Page - Analog Devices ADP124 Datasheet HTML 11Page - Analog Devices ADP124 Datasheet HTML 12Page - Analog Devices ADP124 Datasheet HTML 13Page - Analog Devices ADP124 Datasheet HTML 14Page - Analog Devices ADP124 Datasheet HTML 15Page - Analog Devices ADP124 Datasheet HTML 16Page - Analog Devices ADP124 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 13 of
20
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
C is 0.94 μF at 4.2 V from the graph in Figure 30.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over tem-
perature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP124/ADP125, it is
imperative that the effects of dc bias, temperature, and tolerances
on the behavior of the capacitors are evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP124/ADP125 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage is less than approximately 2 V. This ensures that the
ADP124/ADP125 inputs and the output behave in a predictable
manner during power-up.
ENABLE FEATURE
The ADP124/ADP125 uses the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 31, when a rising voltage on EN crosses the active threshold,
VOUT turns on. Conversely, when a falling voltage on EN crosses
the inactive threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
Figure 31. Typical EN Pin Operation
As shown in Figure 31, the EN pin has built-in hysteresis. This
prevents on/off oscillations that may occur due to noise on the
EN pin as it passes through the threshold points.
The active and inactive thresholds of the EN pin are derived from
the VIN voltage. Therefore, these thresholds vary as the input
voltage changes. Figure 32 shows typical EN active and inactive
thresholds when the VIN voltage varies from 2.3 V to 5.5 V.
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
2.2
2.7
3.2
3.7
4.2
4.7
5.2
VIN (V)
FALLING
RISING
Figure 32. Typical EN Pin Thresholds vs. Input Voltage
The ADP124/ADP125 use an internal soft start to limit the in-
rush current when the output is enabled. The start-up time for
the 2.8 V option is approximately 350 μs from the time the EN
active threshold is crossed to when the output reaches 90% of its
final value. As shown in Figure 33, the start-up time is dependent
on the output voltage setting and increases slightly as the output
voltage increases.
CH1 1.00V
CH2 1.00V BW
M100µs
A CH1
2.00V
2
1
T
296.800µs
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
VIN = 5V
Figure 33. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com